|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
0## 0# 0(## 0!## % * ' 22 # 3 # 0!## * * 3,$# 3 3/ $# 3/ !## 3%4' ($ 90smx & 91smx crystals issue 6; 28 august 1996 delivery options stock is available. please see p142 for details holder style 90smx & 91smx surface mount crystals are plastic encapsulated general specifications load capacitance (c l ): 12.5pf standard drive level: 1.0 w max packaging 90smx & 91smx surface mount crystals are avail - able packaged individually or on tape and reel standard frequency tolerances 10ppm, 15ppm, 20ppm, 30ppm, 50ppm, 100ppm operating temperature ranges 0 to 50c C10 to 60c C20 to 70c C30 to 80c C40 to 90c storage temperature range C55 to 125c marking includes frequency minimum order information required frequency + holder + frequency tolerance @ 25c + operating temperature range + circuit condition europe tel: +44 (0)1460 74433 fax: +44 (0)1460 72578 170 americas tel: +1 919 941 0430 fax: +1 919 941 0530 surface mount quartz crystals f/f t t 00 0 038 10 2 .( ) % 1 "# %#"!$)' !#"%#"#' & " # %#"!&' ("$ %# "! ' #"$! %#"#(' ("(%#"#' & ! ( & " %#"!$' "! %#"!+' !"$( %#"#+' #")) %#"#&' ("$ %# "! ' #"$! %#"#(' "! %#"!+' outline in mm (inches) - 90smx (scale 2:1) 1 "# %# "! $ ) ' ! # " %# " # ' &"# %# "! & ' ("$ %# "! ' ("$ %# "! ' #"$! %# "# ( ' ( "( %# "# ' & ! ( &" % #"!$ ' "! % #"!+ ' "! % #"!+ ' "! %# "! + ' #"$! %# "# ( ' outline in mm (inches) - 91smx (scale 2:1) 4 !## # (## +# (## !r $4 !r 4 !r $4 ($4 !# 3* typical solder condition - infrared reflow electrical specification - maximum limiting values frequency range frequency tolerance @ 25c 2c operating temperature range frequency stability available over operating temperature esr max vibration mode minimum maximum 32.7680khz 10ppm to 100ppm 0 to 50c C25ppm C100ppm 60k fundamental C10 to 60c C50ppm C100ppm C20 to 70c C85ppm C100ppm C30 to 80c C150ppm C300ppm C40 to 90c C180ppm C500ppm europe tel: +44 (0)1460 74433 fax: +44 (0)1460 72578 171 americas tel: +1 919 941 0430 fax: +1 919 941 0530 surface mount quartz crystals & % !("(' !&"# % #"$!!' !(#4%&? ' (!"# % #"()' $ # % !"+' ! + " %# "+ + ' ("# %#"#)' ("# %#"#)' outline in mm (inches) - reel (scale 1:8) !")$ %# "# + ' )"$ %# "( $ ' !+"# %# "+ & # ' ("# %# "# ) ' "# %# "& ! $ ' #"$ %# "# ( # ' "# %# "! $ ) ' !"$ % #"#$' !#") %# " ( ! ' &") %# "! + ' "!$ %# "! + & ' outline in mm (inches) - tape |
Price & Availability of 327680KHZ90SMX2000125FUNDTR |